Part Number Hot Search : 
08775 78L07 NDL0509S C3466 CH2805 78L07 PE45002 ON1952
Product Description
Full Text Search
 

To Download B32344 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data features dieletric polypropyle ne film resin filling non-pcb, s o ft polyurethane safety devic e overpressure disconne ctor, self-healing technolo g y case extruded ro und aluminum can with stud mounting and grounding threaded m8 (? 53 mm) / m12 stud on bottom of can cooling naturally air-cooled (or f o rced air co oling) degree of protection indoor mounting (option a lly with cap for ip32) terminals series b32343 ? 6.3 mm fast-on ter m inals series B32344 ? sigut t e rminal three-phase delta-conn ected and pr ovided with discharge re sistors characteris tics rated capacitance c n a nd q n acco rdi ng to spe c ification table tolerance -5% / +10% rated voltage u n acco rdi ng to spe c ification table rated frequency f r 50 and 60 hz maximum ratings maxi mum p e rmissible voltage u max 1.1 x u n for a maxi mum of 8 h daily 1.2 x u n (up to 5 min) and 1.3 x u n (up to 1 min) maxi mum p e rmissible current i max 1.5 x i n maxi mum transient inru sh current 200 x i n power dissipation 0.35 w / kvar test data ac test voltage terminal-to-terminal 2.15 x u n , 2 s insulation v o ltage between terminals and container 3000 vac, 1 0 s dissipation f a ctor tan at 50 hz 6.0 x 10 -4 climatic category ?25/ d lower category tempera t ure t min - 2 5 c upper category tempera t ure t max + 5 5 c maxi mum p e rmissible h u midity 95% maxi mum p e rmissible altitude 4000 m above sea level life expectancy > 100,000 operating ho urs referen c e st anda rd s iec 831 ? 1 / 2 an d is:2834 fk pm pfc 24. f eb. 200 3 page 1 of 7
capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data specification table and ordering codes rated voltage 230 v t y p e o u t p u t kvar at 50 hz output kvar at 60 hz capacitance f 3 x d x h mm weight kg ordering code mkp230-d-0.5 0.5 0.60 10.0 53 x 114 0.3 b32343c2002a530 mkp230-d-0.7 0.7 0.90 15.0 53 x 114 0.3 b32343c2002a730 mkp230-d-1.0 1.0 1.20 20.0 63.5 x 129 0.3 b32343c2012a030 mkp230-d-1.5 1.5 1.80 30.0 63.5 x 129 0.4 b32343c2012a530 mkp230-d-2.5 2.5 3.00 50.0 79.5 x 195 0.6 B32344c2022a530 mkp230-d-5.0 5.0 6.00 100.0 89.5 x 270 1.7 B32344c2052a030 mkp230-d-7.5 7.5 9.00 150.0 89.5 x 270 2.1 B32344c2072a530 mkp230-d-10.0 10.0 12.00 200.0 89.5 x 345 2.1 B32344c2102a030 rated voltage 400 v t y p e o u t p u t kvar at 50 hz output kvar at 60 hz capacitance f 3 x d x h mm weight kg ordering code mkp400-d-1.0 1.0 1.20 7.0 53 x 114 0.3 b32343c4012a000 mkp400-d-1.5 1.5 1.80 10.0 53 x 114 0.3 b32343c4012a500 mkp400-d-2.0 2.0 2.40 14.0 63.5 x 129 0.4 b32343c4022a000 mkp400-d-2.5 2.5 3.00 17.0 63.5 x 129 0.4 b32343c4022a500 mkp400-d-5.0 5.0 6.00 34.0 63.5 x 129 0.4 b32343c4052a000 mkp400-d-6.3 6.3 7.50 42.0 79.5 x 195 0.6 B32344c4071a500 mkp400-d-7.5 7.5 9.00 50.0 79.5 x 195 0.9 B32344c4072a500 mkp400-d-8.3 8.3 10.00 55.0 79.5 x 195 0.9 B32344c4101a000 mkp400-d-10.0 10.0 12.00 66.5 79.5 x 195 0.9 B32344c4102a000 mkp400-d-12.5 12.5 15.00 83.0 89.5 x 270 1.3 B32344c4122a500 fk pm pfc 24. f eb. 200 3 page 2 of 7
capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data mkp400-d-15.0 15.0 18.00 99.5 89.5 x 270 1.7 B32344c4152a000 mkp400-d-20.0 20.0 24.00 132.5 89.5 x 345 2.1 B32344c4202a000 mkp400-d-25.0 25.0 -- 166.0 89.5 x 345 2.1 B32344c4252a000 rated voltage 415 v t y p e o u t p u t kvar at 50 hz output kvar at 60 hz capacitance f 3 x d x h mm weight kg ordering code mkp415-d-1.0 1.0 1.20 6.0 53 x 114 0.3 b32343c4012a010 mkp415-d-1.5 1.5 1.80 9.0 53 x 114 0.3 b32343c4012a510 mkp415-d-2.0 2.0 2.40 12.5 53 x 114 0.4 b32343c4022a010 mkp415-d-2.5 2.5 3.00 15.5 63.5 x 129 0.4 b32343c4022a510 mkp415-d-5.0 5.0 6.00 31.0 63.5 x 154 0.4 b32343c4052a010 mkp415-d-6.3 6.3 7.50 39.0 79.5 x 195 0.6 B32344c4071a510 mkp415-d-7.5 7.5 9.00 46.0 79.5 x 195 0.9 B32344c4072a510 mkp415-d-10.0 10.0 12.00 61.5 79.5 x 195 0.8 B32344c4102a010 mkp415-d-12.5 12.5 15.00 77.0 89.5 x 270 1.3 B32344c4122a510 mkp415-d-15.0 15.0 18.00 92.5 89.5 x 270 1.3 B32344c4152a010 mkp415-d-20.0 20.0 24.00 123.0 89.5 x 345 2.1 B32344c4202a010 mkp415-d-25.0 25.0 30.00 154.0 89.5 x 345 2.1 B32344c4252a010 fk pm pfc 24. f eb. 200 3 page 3 of 7
capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data rated voltage 440 v t y p e o u t p u t kvar at 50 hz output kvar at 60 hz capacitance f 3 x d x h mm weight kg ordering code mkp440-d-0.9 0.9 1.00 5.0 53 x 114 0.3 b32343c4011a040 mkp440-d-1.0 1.0 1.20 5.5 53 x 114 0.3 b32343c4012a040 mkp440-d-1.2 1.2 1.50 7.0 53 x 114 0.3 b32343c4011a540 mkp440-d-1.5 1.5 1.70 8.0 53 x 114 0.3 b32343c4012a540 mkp440-d-2.1 2.1 2.50 11.5 53 x 114 0.4 b32343c4021a540 mkp440-d-2.5 2.5 3.00 13.5 63.5 x 129 0.3 b32343c4022a540 mkp440-d-4.2 4.2 5.00 23.0 63.5 x 129 0.4 b32343c4051a040 mkp440-d-5.0 5.0 6.00 27.5 63.5 x 154 0.5 b32343c4052a040 mkp440-d-6.3 6.3 7.50 34.0 79.5 x 195 0.7 B32344c4071a540 mkp440-d-7.5 7.5 9.00 41.0 79.5 x 195 0.8 B32344c4072a540 mkp440-d-8.3 8.3 10.00 45.5 79.5 x 195 0.9 B32344c4101a040 mkp440-d-10 10.0 12.00 55.0 79.5 x 230 1.1 B32344c4102a040 mkp440-d-10.4 10.4 12.50 57.0 89.5 x 270 1.7 B32344c4121a540 mkp440-d-12.5 12.5 15.00 68.5 89.5 x 270 1.7 B32344c4151a040 mkp440-d-15.0 15.0 18.00 82.0 89.5 x 270 1.7 B32344c4152a040 mkp440-d-16.7 16.7 20.00 91.5 89.5 x 345 2.1 B32344c4201a040 mkp440-d-20.8 20.8 25.00 114.0 89.5 x 345 2.1 B32344c4251a040 mkp440-d-25.0 25.0 30.00 138.0 94 x 345 2.1 B32344c4252a040 fk pm pfc 24. f eb. 200 3 page 4 of 7
capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data rated voltage 480 v t y p e o u t p u t kvar at 50 hz output kvar at 60 hz capacitance f 3 x d x h mm weight kg ordering code mkp-d-480-1.0 1.0 1.20 4.5 53 x 114 0.4 b32343c4012a080 mkp-d-480-1.5 1.5 1.80 7.0 63.5 x 129 0.4 b32343c4012a580 mkp-d-480-2.0 2.0 2.40 9.0 63.5 x 129 0.4 b32343c4022a080 mkp-d-480-2.5 2.5 3.00 11.5 63.5 x 129 0.4 b32343c4022a580 mkp-d-480-5.0 5.0 6.00 23.0 79.5 x 195 0.8 B32344c4052a080 mkp-d-480-6.3 6.3 7.50 29.0 89.5 x 270 0.8 B32344c4071a580 mkp-d-480-7.5 7.5 8.90 34.5 89.5 x 270 0.8 B32344c4072a580 mkp-d-480-8.3 8.3 10.00 28.5 89.5 x 270 0.8 B32344c4101a080 mkp-d-480-10.4 10.4 12.50 48.0 89.5 x 345 2.1 B32344c4121a580 mkp-d-480-12.5 12.5 15.00 57.5 89.5 x 345 2.1 B32344c4151a080 mkp-d-480-15.0 15.0 18.00 69.0 89.5 x 345 1.7 B32344c4152a080 mkp-d-480-16.7 16.7 20.00 77.0 89.5 x 345 1.8 B32344c4162a780 mkp-d-480-20.8 20.8 25.00 96.0 89.5 x 345 2.0 B32344c4202a080 fk pm pfc 24. f eb. 200 3 page 5 of 7
capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data rated voltage 525 v t y p e o u t p u t kvar at 50 hz output kvar at 60 hz capacitance f 3 x d x h mm weight kg ordering code mkp525-d-1.0 1.0 1.20 4.0 53 x 114 0.3 b32343c5012a020 mkp525-d-1.5 1.5 1.80 5.5 53 x 114 0.3 b32343c5012a520 mkp525-d-2.0 2.0 2.40 7.5 63.5 x 129 0.4 b32343c5022a020 mkp525-d-2.5 2.5 2.70 9.5 63.5 x 129 0.4 b32343c5022a520 mkp525-d-6. 5 5.0 6.00 19.2 79.5 x 195 0.8 B32344c5071a520 mkp525-d-6.3 6.3 7.50 24.0 79.5 x 195 0.8 B32344c5071a520 mkp525-d-8.3 8.3 10.00 32.0 89.5 x 270 0.8 B32344c5101a020 mkp525-d-10.4 10.4 12.50 40.0 89.5 x 345 2.1 B32344c5121a520 mkp525-d-12.5 12.5 15.00 48.0 89.5 x 345 2.1 B32344c5151a020 mkp525-d-16.7 16.7 20.00 64.0 89.5 x 345 2.1 B32344c5201a020 mkp525-d-20.0 20.0 25.00 80.0 89.5 x 345 2.1 B32344c5202a020 mkp525-d-25.0 25.0 30.00 96.0 89.5 x 345 2.1 B32344c5202a020 fk pm pfc 24. f eb. 200 3 page 6 of 7
capacitors for pow e r factor correction b32343 / B32344 phicap; metallized p o ly propy l ene film ca pacitor; 3- phase preliminary data draw ings b32343 B32344 sigut terminal klk1714-x-e 19 . 60 . 5 m12 16+1 3 h 1 d 3 h expansion to marking torque t = 10 nm 16 . 80 . 5 tightening torque = 1 . 2 nm +40 h + 1 d ? epcos ag 2003. re production, publication and dissemination of this data sheet , enclosure s hereto and t he information containe d therein wit hout epcos' prior express con s ent is prohibit e d. purchase or ders are sub j ect to the g eneral conditions for the supply of products and services of the electrica l and electro n ics indu str y recommen ded by the zvei (germa n electrical and electro n ic manufacturers' associa t ion), unless otherwise a g reed. fk pm pfc 24. f eb. 200 3 page 7 of 7


▲Up To Search▲   

 
Price & Availability of B32344

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X